Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 9Page - STMicroelectronics TDA7786M Datasheet HTML 10Page - STMicroelectronics TDA7786M Datasheet HTML 11Page - STMicroelectronics TDA7786M Datasheet HTML 12Page - STMicroelectronics TDA7786M Datasheet HTML 13Page - STMicroelectronics TDA7786M Datasheet HTML 14Page - STMicroelectronics TDA7786M Datasheet HTML 15Page - STMicroelectronics TDA7786M Datasheet HTML 16Page - STMicroelectronics TDA7786M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
DocID026122 Rev 5
13/54
TDA7786, TDA7786M
Function description
53
2.6
IF A/D converters
A high performance IQ-IFADC converts the IF signal to the digital domain for subsequent
digital signal processing.
Two fully differential, continuous-time Sigma-Delta (Σ∆) IF-ADCs are used for both the 'I'
path and the 'Q' path. For each IFADC, two fully differential input nodes are fed with an input
signal having a bandwidth up to 325 kHz. This fully differential design provides good
suppression of even-order harmonics. For complex filtering, the input signals of the 'I' path
and the 'Q' path have a 90 degree phase shift. The IFADC sampling frequency is 36.48
MHz.
2.7
Audio D/A converters
A CD-quality (>100dB DR) stereo DAC provides the left/right audio signals after IF
processing and stereo-decoding by the DSP. In presence of an external HD Radio™
decoder the DAC delivers the high quality audio resulting from the decoding of the
HD Radio™ transmissions.
2.8
VCO
The VCO is fully integrated without any external tuning component. It covers all the FM
frequency bands including EU, US, Japan, East-Europe, Weather-Band and the AM bands
including LW, MW and SW. Its center frequency is approximately 2.7 GHz.
2.9
PLL
2.9.1
Tuner PLL
The very high-speed tuning PLL is able to settle within about 100 µs for fast RDS
applications. The frequency step can be as low as 5 kHz in FM and 500 Hz in AM.
2.10
Crystal oscillator
The device works with a 36.48 MHz fundamental tone crystal. The oscillator block diagram
is shown in Figure 3. On the PCB the crystal must be connected as close as possible to the
chip oscillator input and output pins of the chip. The internal load capacitance together with
pin and pad capacitance is optimized for fundamental tone crystal units at 36.48 MHz. It is
not recommended to put any additional external load capacitors. By suitably configuring pin
#9 (CK_SEL), the device can be operated as either a clock master or a clock slave. If pin 9
is left open or tied to GND, the device is configured as clock master (typical operation
mode). In case the device is configured as clock slave, pin 9 needs to be connected to 5 V.
Then the crystal oscillator is switched off and the device expects a crystal equivalent signal
on the OSCout/OSCin pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com