Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 27Page - STMicroelectronics TDA7786M Datasheet HTML 28Page - STMicroelectronics TDA7786M Datasheet HTML 29Page - STMicroelectronics TDA7786M Datasheet HTML 30Page - STMicroelectronics TDA7786M Datasheet HTML 31Page - STMicroelectronics TDA7786M Datasheet HTML 32Page - STMicroelectronics TDA7786M Datasheet HTML 33Page - STMicroelectronics TDA7786M Datasheet HTML 34Page - STMicroelectronics TDA7786M Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
DocID026122 Rev 5
31/54
TDA7786, TDA7786M
Electrical specifications
53
3.4.3
VCO
Vnoise
Input noise voltage
-
-
0.7
1.0
nV/
Hz
IIP3
3rd order intercept point
@ maximum LNA gain
116
120
-
dBµV
IIP2
2rd order intercept point
@ maximum LNA gain
121
127
-
dBµV
AM PIN diode
IIP2
2rd order intercept point
Full attenuation,
Csource = 80 pF, f = 1 MHz
134
140
-
dBµV
Res
Minimum resistance
-
-
5
15
Ω
Cin
Input capacitance
High ohmic
-
2
-
pF
AM AGC
AGC-Thr
Referred to mixer input;
RF level
Mix 1,2 min setting
80
83
86
dBµV
Mix 1,2 max setting
92.6
95.6
98.6
Thr-steps
Threshold steps
-
1.3
1.8
2.3
dB
-
Threshold error
@ Tamb
-2.5
-
2.5
dB
-
Threshold temperature drift
-
-3
-
3
dB
-
PIN diode source current
@ Tamb See note(2)
-10
-
-
mA
-
PIN diode sink current
-
15
30
45
µA
-
PIN diode source current in
constant current mode
@ Tamb See note(2)
-1
-
-
mA
1. The gain is internally 6 dB higher than what measured at the test output. This is due to the differential to single-ended
conversion used for the test output.
2. The current is generated by a PTAT (proportional to absolute temperature) source, and has therefore a temperature
dependency described by: ∆I/Io = ∆T/To, with Io being the current at ambient temperature (25 °C) and To the ambient
temperature (25 °C) expressed in Kelvin, that is 298K.
Table 18. AM - section (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Table 19. VCO
Symbol
Parameter
Test condition
Min
Typ
Max
Units
fvco,min
Minimum VCO oscillation
frequency (1)
--
-
2.34
GHz
fvco,max
Maximum VCO oscillation
frequency (2)
3.025
-
-
GHz
PN
Phase noise of LO
Locked VCO;
values referred @ 100MHz
@ 100 Hz
@ 1 kHz
@ 10 kHz
-
-105
-115
-115
-dBc/Hz
dev
deviation error (RMS)
FM reception, deemphasis
50 µs, faudio=20 Hz...20 kHz
-5
8
Hz
1. Limited by application Firmware to 2.1 GHz.
2. Limited by application Firmware to 3.1 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com