Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 33Page - STMicroelectronics TDA7786M Datasheet HTML 34Page - STMicroelectronics TDA7786M Datasheet HTML 35Page - STMicroelectronics TDA7786M Datasheet HTML 36Page - STMicroelectronics TDA7786M Datasheet HTML 37Page - STMicroelectronics TDA7786M Datasheet HTML 38Page - STMicroelectronics TDA7786M Datasheet HTML 39Page - STMicroelectronics TDA7786M Datasheet HTML 40Page - STMicroelectronics TDA7786M Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
DocID026122 Rev 5
37/54
TDA7786, TDA7786M
Electrical specifications
53
3.5.2
AM MW overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms
Figure 20. AM MW input set-up
Level referred to SG EMF output before antenna dummy; dummy antenna load as shown
above Frf = 999 kHz (1000 kHz for US), Vrf =74 dBµV, mod = 30 %, faudio =400 Hz, unless
otherwise specified.
Table 27. AM MW overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range MW Eu/Jp
(can be modified by the user)
531
-
1629
kHz
Tuning step MW Eu/Jp
(can be modified by the user)
-
9
-
kHz
Tuning range MW US
(can be modified by the user)
530
-
1710
kHz
Tuning step MW US
(can be modified by the user)
-
10
-
kHz
Sensitivity
S/N = 20 dB
-
25
28
dBµV
Ultimate S/N
@ 80 dBµV
67
72
-
dB
AGC F.O.M.
Ref.=74 dBµV
-10dB drop point
(1)
64
-
dB
Distortion
M=80%
-
0.1
0.2
%
Adjacent channel selectivity
∆F = 9 kHz, SINAD = 26 dB
undesired M = 30 % 1 kHz
44
47
-
dB
Alternate channel selectivity
∆F = 18 kHz, SINAD = 26 dB
undesired M = 30 % 1 kHz
48
51
-
dB
Strong signal interferer (1)
SNR
∆F = ±40 kHz
desired = 40 dBµV
undesired = 110 dBµV,
m = 30 % 1 kHz
812
-
dB
Strong signal interferer (1)
suppression
∆F = ±40 kHz
desired = 40 dBµV
undesired = 110 dBµV,
m = 30 % 1 kHz
-10
15
dB
Strong signal interferer (1)
cross-modulation
∆F = ±40 kHz
desired = 80 dBµV
undesired = 110 dBµV,
m = 30 % 1 kHz
maximum SNR of undesired
channel
-1
4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com