Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 34Page - STMicroelectronics TDA7786M Datasheet HTML 35Page - STMicroelectronics TDA7786M Datasheet HTML 36Page - STMicroelectronics TDA7786M Datasheet HTML 37Page - STMicroelectronics TDA7786M Datasheet HTML 38Page - STMicroelectronics TDA7786M Datasheet HTML 39Page - STMicroelectronics TDA7786M Datasheet HTML 40Page - STMicroelectronics TDA7786M Datasheet HTML 41Page - STMicroelectronics TDA7786M Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Electrical specifications
TDA7786, TDA7786M
38/54
DocID026122 Rev 5
Strong signal interferer (2)
SNR
∆F = ±400 kHz
desired = 40 dBµV
undesired = 110 dBµV,
m = 30 %, 1 kHz
511
-
dB
Strong signal interferer (2)
suppression
∆F = ±400 kHz
desired = 40 dBµV
undesired = 110 dBµV,
m = 30 %, 1 kHz
-15
18
dB
Strong signal interferer (2)
cross-modulation
∆F = ±400 kHz
desired = 80 dBµV
undesired = 110 dBµV,
m = 30 %, 1 kHz
maximum SNR of undesired
channel
-1
4
dB
Max. strong signal interferer
Desired = 40 dBµV
SINAD = 26dB, blocking<6dB
Undesired ∆F = 400 kHz,
m = 30 % (crossmod. Test)
90
98
-
dBµV
Image rejection
-
60
80
-
dB
Logarithmic field strength
indicator
@60 dBµV read
"AM_SMeter_log"
-0.47
(equiva
lent to
57
dBµV
-0.44
-0.41
(equiv
alent
to 63
dBµV)
-
1. Programmable by software parameters.
Table 27. AM MW overall system performance (continued)
Parameter
Test condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com