Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 39Page - STMicroelectronics TDA7786M Datasheet HTML 40Page - STMicroelectronics TDA7786M Datasheet HTML 41Page - STMicroelectronics TDA7786M Datasheet HTML 42Page - STMicroelectronics TDA7786M Datasheet HTML 43Page - STMicroelectronics TDA7786M Datasheet HTML 44Page - STMicroelectronics TDA7786M Datasheet HTML 45Page - STMicroelectronics TDA7786M Datasheet HTML 46Page - STMicroelectronics TDA7786M Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
DocID026122 Rev 5
43/54
TDA7786, TDA7786M
Front-end registers
53
Table 33. Register 0x02
Register Number
Register Definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
FM RF AGCThresholds@ mixin
0 0 88.4 dBµV
Reg 0x008<14> = 1
0 1 90.2 dBµV
1 0 92.0 dBµV
1 1 93.8 dBµV
0 0 91.4 dBµV
Reg 0x008<14> = 0
0 1 93.2 dBµV
1 0 95.0 dBµV
1 1 96.8 dBµV
FM IFAGC threshold@IFADCin
0 0
122 dBµV
0 1
124 dBµV
1 0
126 dBµV
1 1
128 dBµV
FMAGC attack time constant
0slow
1fast
FMAGC decay time constant
0slow
1fast
FM DAC
0off
1on
FM DAC VALUE
000 00 0 0 0
0
000 00 0 0 1
1
……… …… … … …
…
111 11 1 1 1
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com