Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 13Page - STMicroelectronics TDA7786M Datasheet HTML 14Page - STMicroelectronics TDA7786M Datasheet HTML 15Page - STMicroelectronics TDA7786M Datasheet HTML 16Page - STMicroelectronics TDA7786M Datasheet HTML 17Page - STMicroelectronics TDA7786M Datasheet HTML 18Page - STMicroelectronics TDA7786M Datasheet HTML 19Page - STMicroelectronics TDA7786M Datasheet HTML 20Page - STMicroelectronics TDA7786M Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
DocID026122 Rev 5
17/54
TDA7786, TDA7786M
Function description
53
Figure 5. SAI_BB waveforms (normal mode)
Table 4. SAI_BB timing values (normal mode)
Symbol
Parameter
Rate
Unit
Fpll
PLL clock
332.8
345.6
451.584
466.944
245.76
MHz
Fws
Word strobe
650
(332.8/512)
675
(345.6/512)
882
(451.582/512)
912
(466.944/512))
48
(245.76/5120)
KHz
Fbclk
Bit clock in
SPLIT mode
10.4
(332.8/32)
10.8
(345.6/32)
14.112
(451.584/32)
14.592
(466.944/32)
0.768
(245.76/320)
MHz
Fbclk
Bit clock in
MUX mode
20.8
(332.8/16)
21.6
(345.6/16)
28.224
(451.584/16)
29.184
(466.944/16)
1.536
(245.76/160)
MHz
Fbclk
Bit clock in
AFE mode
20.8
(332.8/16)
21.6
(345.6/16)
28.224
(451.584/16)
29.184
(466.944/16)
1.536
(245.76/160)
MHz
Ts
Data setup
time (min)
5
5
555
ns
Th
Data hold time
(min)
5
5
555
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com