Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 30Page - STMicroelectronics TDA7786M Datasheet HTML 31Page - STMicroelectronics TDA7786M Datasheet HTML 32Page - STMicroelectronics TDA7786M Datasheet HTML 33Page - STMicroelectronics TDA7786M Datasheet HTML 34Page - STMicroelectronics TDA7786M Datasheet HTML 35Page - STMicroelectronics TDA7786M Datasheet HTML 36Page - STMicroelectronics TDA7786M Datasheet HTML 37Page - STMicroelectronics TDA7786M Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Electrical specifications
TDA7786, TDA7786M
34/54
DocID026122 Rev 5
3.4.9
I2C interface
The I2C protocol serial bus communication parameters of the following table are defined as
in Figure 18.
Figure 18. I2C bus timing diagram
Table 25. I2C interface
Symbol
Parameter
Test condition
Min
Typ
Max
Units
fSCL
SCL Clock frequency
-
-
-
500
kHz
tAA
SCL low to SDA data valid
-
0.3
-
-
µs
tbuf
Time the bus must be kept
free before a new
transmission
-1.3
-
-
µs
tHD-STA
START condition hold time
-
0.6
-
-
µs
tLOW
Clock low period
-
1.3
-
-
µs
tHIGH
Clock high period
-
0.6
-
-
µs
tSU-SDA
START condition setup time
-
0.1
-
-
µs
tHD-DAT
Data input hold time
-
0
-
0.9
µs
tSU-DAT
Data input setup time
-
0.1
-
-
µs
tR
SDA & SCL rise time
-
-
-
0.3
µs
tF
SDA & SCL full time
-
-
-
0.3
µs
tSU-STOP
Stop condition setup time
-
0.6
-
-
µs
tDH
Data out time
-
-
-
0.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com