Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 29Page - STMicroelectronics TDA7786M Datasheet HTML 30Page - STMicroelectronics TDA7786M Datasheet HTML 31Page - STMicroelectronics TDA7786M Datasheet HTML 32Page - STMicroelectronics TDA7786M Datasheet HTML 33Page - STMicroelectronics TDA7786M Datasheet HTML 34Page - STMicroelectronics TDA7786M Datasheet HTML 35Page - STMicroelectronics TDA7786M Datasheet HTML 36Page - STMicroelectronics TDA7786M Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
DocID026122 Rev 5
33/54
TDA7786, TDA7786M
Electrical specifications
53
3.4.7
Audio DAC
3.4.8
IO interface pins
Table 23. Audio DAC
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Vout
Max. output voltage
Full scale
1.2
1.4
-
Vrms
BW
Pass-band
0.01dB attenuation
-
20
-
KHz
Rout
Output resistance
-
100
150
200
Ω
multipath
Output noise
-
-
14
30
µVrms
D
Distortion
-6 dBFS
-
0.03
0.05
%
Table 24. IO interface pins
Symbol
Parameter
Test condition
Min
Typ
Max
Units
-
High level output voltage
Unloaded
2.9
3.2
-
V
-
Low level output voltage
Unloaded
-
0.1
0.3
V
-
Input voltage range
-
0
-
3.5
V
-
High level input voltage
-
2.0
-
-
V
-
Low level input voltage
-
-
-
0.8
V
Treset
Reset time
Minimum time during which
pin RSTN must be low so as
to reset the device
10
-
-
µs
Tlatch
Boot mode configuration latch
time
Minimum time during which
the voltage applied at pins 32
and 39 must be driven in
order to latch the correct
control serial bus address
configuration
10
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com