Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 24Page - STMicroelectronics TDA7786M Datasheet HTML 25Page - STMicroelectronics TDA7786M Datasheet HTML 26Page - STMicroelectronics TDA7786M Datasheet HTML 27Page - STMicroelectronics TDA7786M Datasheet HTML 28Page - STMicroelectronics TDA7786M Datasheet HTML 29Page - STMicroelectronics TDA7786M Datasheet HTML 30Page - STMicroelectronics TDA7786M Datasheet HTML 31Page - STMicroelectronics TDA7786M Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Electrical specifications
TDA7786, TDA7786M
28/54
DocID026122 Rev 5
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
For all pins 37-44, when set as input, injecting current cannot exceed 20 mA as it would lead
to voltage at the pin above the abs max.
3.2
Thermal data
3.3
General key parameters
Table 14. Absolute maximum ratings
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VCC
Abs. supply voltage
-
-0.5
-
5.5
V
Tstg
Storage temperature
-
-55
-
150
°C
VESD
ESD absolute minimum
withstand voltage
Human Body model
>|±2000|
V
Charged device model
>|±400|
Charged device mode, corner pins
>|±750|
-
Max. input at any pin
(latch-up characteristic)
IINMAX
±100
mA
Table 15. Thermal data
Symbol
Parameter
Test condition
Value
Units
Rth
Thermal resistance
LQFP64 10x10,
JEDEC
2s1p PCB
55
°C/W
Table 16. General key parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VCC
5 V supply voltage
see note (1)
4.7
5
5.2
V
ICC
supply current @ 5 V
-
175
225
mA
Tamb
Ambient temperature range
-
-40
-
85
°C
Tj
Operating junction
temperature
--
-
150
°C
VVCCREG12 VCCREG12 supply voltage
see note (2)
2.3
-
5.2
V
V1V2
Digital core 1.2 V supply
voltage
when supplied externally
see note (3)
1.14
1.2
1.3
V
I1V2
Digital core 1.2 V supply
current
V1V2 = 1.2V
see note(3)
-55
80
mA
V3V3
Digital IO 3.3 V supply voltage
when supplied externally
see note(4)
3.0
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com