Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 19Page - STMicroelectronics TDA7786M Datasheet HTML 20Page - STMicroelectronics TDA7786M Datasheet HTML 21Page - STMicroelectronics TDA7786M Datasheet HTML 22Page - STMicroelectronics TDA7786M Datasheet HTML 23Page - STMicroelectronics TDA7786M Datasheet HTML 24Page - STMicroelectronics TDA7786M Datasheet HTML 25Page - STMicroelectronics TDA7786M Datasheet HTML 26Page - STMicroelectronics TDA7786M Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
DocID026122 Rev 5
23/54
TDA7786, TDA7786M
Function description
53
2.17.2
I2C bus protocol
The I2C communication requires two signals: clock (SCL) and data (SDA - bidirectional).
The protocol requires an acknowledge signal after any 8-bit transmission.
A "write" communication example is shown in the figure below, for an unspecified number of
data bytes (see the relevant technical documentation for frame structure description):
Figure 11. I2C "write" sequence
The sequence consists of the following phases:
1.
START: SDA line transitioning from H to L with SCL fixed H. This indicates that a new
transmission is starting;
2.
DATA LATCHING: on the rising SCL edge. The SDA line can vary only when SCL is
low (otherwise its transitions are interpreted as either a START or a STOP transition);
3.
ACKNOWLEDGE: on the 9th SCL pulse the microprocessor keeps the SDA line H, and
the TDA7786x pulls it down in case the communication has been successful. Lack of
the acknowledge pulse generation from the TDA7786x indicates a communication
failure; the chip-address byte must be sent at the beginning of the transmission. The
value can be 0xC2 or 0xC8 (according to the mode chosen at start-up) for "write"; as
many data bytes as needed can follow the address before the communication is
terminated. See the next section for details on the frame format;
4.
STOP: SDA line transitioning from L to H with SCL H. This signifies the end of the
transmission.
Dashed lines represent transmissions from the TDA7786x to the microprocessor. A
communication example is shown in the figure below, for an unspecified number of data
bytes (see later on for frame structure description):
Figure 12. I2C "read" sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com