Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 14 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 10Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Assisted GNSS
Teseo-LIV3F
14/37
DS12152 Rev 7
4
Assisted GNSS
GNSS receivers need accurate satellite position data from at least 4 satellites to produce a
fix.
Accurate satellite data -ephemeris data- is valid for 4hrs only for GPS and 30 min only for
GLONASS.
After that time a receiver must download new ephemeris data.
Ephemeris download can take from dozens of seconds to several minutes, hours or can fail
to download.
Assisted-AGPS is a mechanism to provide ephemeris assistance from external source, this
reduces considerably the time to get fix especially in critical environments when the
ephemeris download time could be very long.
Teseo-LIV3F supports three types of Assisted GNSS.
4.1
ST Assisted GPS
The ST Assisted GPS® (STAGPS) software is able to provide predicted ephemeris to the
GNSS engine in a time frame less than the usual time (about 30 seconds) needed to
download real ephemeris from the sky. This reduces considerably the time to get fix
especially in critical environments when the ephemeris download time could be very long.
STAGPS autonomous solution works using the past real ephemeris (downloaded from the
sky and stored in its internal database) to extrapolate the parameter of future ephemeris (up
to 5 days of prediction). For these reason the STAGPS® autonomous performances (in
terms of position accuracy using predicted ephemeris) are strictly dependent on the real
ephemeris database content. In normal usage of STAGPS® autonomous, the system
automatically uploads the real ephemeris into its database as soon as new ephemeris are
downloaded from the sky. This means that the global content of the real ephemeris input
database is determined by the history of the device running periods in the past.
The Teseo-LIV3F software with STAGPS® capability implements a command interface at
the NMEA level to allow interaction with the STAGPS® library. It supports commands to
enable/disable the STAGPS® functionality or to upload ephemeris and seed into the
STAGPS® working memory. Most of the implemented commands could be used for testing
the STAGPS® performance in different working scenarios.
4.2
Predictive AGNSS
ST-Assisted GPS™ when used in systems with network data access is able to provide full-
constellation long-term prediction taking advantage of an assistance server.
This unique solution combines the advantage of universal assistance data protocol with
lightweight data access, by needing only about 8 KB bi-weekly data transfers to maintain
fast and accurate GPS performance.
Starting from this downloaded payload called "seed" ST-Assisted GPS™ is capable of
generating at the client satellite orbit predictions for up to 14 days, with very high accuracy,
for the complete GPS constellation and GLONASS constellation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com