Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 33 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 30Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 31Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 32Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 33Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 34Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 35Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 36Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
DS12152 Rev 7
33/37
Teseo-LIV3F
Reflow soldering profile
35
19
Reflow soldering profile
The Teseo-LIV3F is a high temperature strength surface mount GNSS module supplied on a
18 pin, 6-layer PCB. The final assembly recommended reflow profiles are indicated here
below.
Soldering phase has to be executed with care: in order to avoid undesired melting
phenomenon, particular attention has to be taken on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on following
recommendations.
Figure 10. Soldering profiles
Table 11. Soldering profile values
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to Tp)3 °C/sec max
Preheat:
– Temperature min (TSmin)
– Temperature max (TSmax)
–Time (tSmin to tSmax) (tS)
150 °C
200 °C
60-100 sec
Time maintained above:
– Temperature (TL)
–Time (tL)
217° C
60-70 sec
Peak temperature (TP)
245 +/- 5 °C
Time within 5 °C of actual peak temperature
(TP)
10-20 sec
Ramp-down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minute max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com