Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 17 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DS12152 Rev 7
17/37
Teseo-LIV3F
I/O interfaces
35
6
I/O interfaces
Teseo-LIV3F supports two I/O interfaces:
UART
I2C
both interfaces support NMEA protocol.
6.1
UART
The Universal Asynchronous Receiver/Transmitter (UART) supports much of the
functionality of the industry-standard 16C650 UART.
The UART performs serial-to-parallel conversion on data asynchronously received from a
peripheral device on RX0 pin, and parallel-to-serial conversion on data written by CPU for
transmission on TX0 pin. The transmit and receive paths are buffered with internal FIFO
memories allowing up to 64 data byte for transmission, and 64 data byte with 4-bit status
(break, frame, parity, and overrun) for receive.
6.2
I2C
Teseo-LIV3F includes a slave I2C interface configurable; I2C is a two-wire communication
interface invented by Philips Semiconductor.
Unlike all other interfaces, I2C is not able to communicate in full-duplex mode; it uses only
two bidirectional open-drain lines, Serial Data Line on pin SDA and Serial Clock Line on pin
SCL, pulled up with resistors.
Teseo-LIV3F receiver always acts as slave and it cannot initiate data transmission on the
bus; host has to periodically pull the receiver to check about data availability.
The main features are:
Normal speed (100 KHz) and Fast speed (400 KHz) supported
I2C-slave address configurable using the firmware configurator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com