Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 27 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 30Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DS12152 Rev 7
27/37
Teseo-LIV3F
Electrical characteristics
35
15.5
Recommended DC operating conditions
Table 8. Power consumption
Symbol
Parameter
Test condition
Typ
Unit
Pw
Power consumption in
standard condition
G2 = GPS only;
Tc = 25 °C;
VCC = 2.1 V;
VCC_IO = 3.3 V
72
mW
G2 = GPS/Glonass;
Tc = 25 °C;
VCC = 2.1 V;
VCC_IO = 3.3 V
90
mW
G2 = GPS/Beidou;
Tc = 25 °C;
VCC = 2.1 V;
VCC_IO = 3.3 V
85
mW
PwStandby
Power consumption
STANDBY mode
RTC running = 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = 0 V
Vbat = 3.3 V
29
µW
Table 9. Recommended DC operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply pins
2.1
3.3
4.3
V
VCC_Bat
Power supply pins for backup internal
logic
2.1
3.3
4.3
V
VCC_IO
IO Supply Voltage
3.0
3.3
3.60
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com