Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 16 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Clock generation
Teseo-LIV3F
16/37
DS12152 Rev 7
5
Clock generation
5.1
Temperature-Compensated Crystal Oscillator (TCXO)
Highly stable 26 MHz oscillator controls the down conversion process in RF block of the
Teseo-LIV3F. Characteristics of this component are important factors for higher sensitivity to
maximize performances especially in weak-signal environments, as well as to minimize
TTFF (Time To First Fix) and better navigation stability.
5.2
Real Time Clock (RTC)
This is an always-on power domain dedicated to RTC logic (backup system) with 32 Kbyte
SRAM and supplied with a dedicated voltage regulator.
The RTC provides a high resolution clock which can be used for GPS. It keeps the time
when the system is inactive and it’s internally used to wake up the system when in low
power mode. It has a clock trimming feature to compensate for the accuracy of the
32.768 kHz crystal and a secured time update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com