Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 1 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 1 Page - STMicroelectronics

  TESEO-LIV3F Datasheet HTML 1Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 2Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 3Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 4Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
September 2019
DS12152 Rev 7
1/37
Teseo-LIV3F
Tiny GNSS module
Datasheet
- target specification
Features
 Simultaneous multiconstellation
 -163 dBm tracking sensitivity
 1.5 m CEP position accuracy
 16 Mbit embedded Flash for data logging and
FW upgrade
 2.1 V to 4.3 V supply voltage range
 Tiny LCC 18 pin package (9.7x10.1)
 Operating temperature (-40°, 85°C)
 Free FW configuration
 17 µW standby current and 75 mW tracking
power consumption
Description
The Teseo-LIV3F module is an easy to use Global
Navigation Satellite System (GNSS) standalone
module, embedding Teseo III single die
standalone positioning receiver IC working
simultaneously on multiple constellations
(GPS/Galileo/Glonass/BeiDou/QZSS).
The Teseo-LIV3F modules bring the proven
accuracy and robustness of Teseo chips to the
reach of everyone: the embedded firmware and
the complete evaluation environment save
development time, while the compactness and
cost-effectiveness of this solution make it ideal for
several applications, such as insurance, goods
tracking, drones, tolling, anti-theft systems,
people and pet location, vehicle tracking,
emergency calls, fleet management, vehicle
sharing, diagnostics and public transportation.
Within its 9.7x10.1 mm tiny size, Teseo-LIV3F is
offering superior accuracy thanks to the on board
26 MHz Temperature Compensated Crystal
Oscillator (TCXO) and a reduced Time To First Fix
(TTFF) relying to its dedicated 32 KHz Real Time
Clock (RTC) oscillator.
Thanks to the embedded 16 Mbit flash Teseo-
LIV3F offers many extra features such as data
logging, 7 days autonomous assisted GNSS, FW
reconfigurability as well as FW upgrades.
Teseo-LIV3F provides also the Autonomous
Assisted GNSS able to predict satellite data
based on previous observation of satellite.
Teseo-LIV3F module, being a certified solution,
optimizes the time to market of the final
applications with a temperature operating range
from -40°C to 85°C.
Table 1. Device summary
Order code
Marking
Temperature range
[
°C]
Package
Packaging
Teseo-LIV3F
Teseo-LIV3F
-40
°C, 85°C
LCC-18
(9.7 mmx10.1 mm)
Tape and reel
www.st.com


Similar Part No. - TESEO-LIV3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
18-Oct-2023
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL_V01 Datasheet
1Mb / 34P
Tiny low power GNSS module
18-Oct-2023
More results

Similar Description - TESEO-LIV3F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1159PHH-TE1 NJRC-NJG1159PHH-TE1 Datasheet
508Kb / 20P
GNSS Front-End Module
logo
STMicroelectronics
TESEO-LIV3R STMICROELECTRONICS-TESEO-LIV3R Datasheet
849Kb / 30P
Tiny ROM GNSS module
10-Jun-2019
X-NUCLEO-GNSS1A1 STMICROELECTRONICS-X-NUCLEO-GNSS1A1 Datasheet
3Mb / 5P
GNSS Module
12-Oct-2018
logo
Quectel Wireless Soluti...
L26-LB QUECTEL-L26-LB Datasheet
1Mb / 2P
Compact GNSS Module
L76 QUECTEL-L76 Datasheet
1Mb / 2P
Compact GNSS Module
L76-LB QUECTEL-L76-LB Datasheet
1Mb / 2P
Compact GNSS Module
LC76F QUECTEL-LC76F Datasheet
187Kb / 2P
Compact GNSS Module
Version: 1.0
logo
List of Unclassifed Man...
ORG4572 ETC-ORG4572 Datasheet
1Mb / 40P
GNSS RECEIVER MODULE
Revision 3.0 November 23, 2014
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F Datasheet
868Kb / 30P
Tiny Dual-Band GNSS Low Power module
30-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com