Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 26 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Electrical characteristics
Teseo-LIV3F
26/37
DS12152 Rev 7
15
Electrical characteristics
15.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
15.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at Tc = 25°C.
15.3
Typical values
Unless otherwise specified, typical data are based on Tc = 25 °C, VCC=3.3 V,
VCC_IO=3.3 V. They are given only as design guidelines and are not tested.
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
15.4
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static
voltages, however it is advisable to take normal precautions to avoid application of any
voltage higher than the specified maximum rated voltages.
Table 6. Voltage characteristics
Symbol
Parameter
Min
Max
Unit
VCC
Digital supply voltage
2.1
4.3
V
VBAT
Backup LDO input supply voltage
2.1
4.3
V
Table 7. Thermal characteristics
Symbol
Parameter
Min
Max
Unit
Toper
Operative ambient temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com