Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 22 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data logging
Teseo-LIV3F
22/37
DS12152 Rev 7
11
Data logging
Data logging allows the Teseo-LIV3F receiver to locally save the resolved GNSS position to
the flash in order to be retrieved on demand from the host.
Teseo-LIV3F supports only one datalog at a time.
Datalogging can be enabled, disabled and erased using proprietary NMEA runtime
commands.
Datalogging subsystem supports both:
Circular buffer
Standard buffer
The recorded data is configurable; datalogging supports three types of data logged.
Each type has a different size and different data logged. All the data logged types have:
timestamp, latitude and longitude while other fields depend by the type. See Table 5. for
details.
Teseo-LIV3F can support until 12 hours logging using log-type 1 and fix rate at 1 Hz.
Detailed information is available on Teseo-LIV3F software user manual.
Table 5. Datalog type description
Type
Size
Altitude
Odometer
Geo
Quality
Qual_idx
Fix
Speed
112
—
—
X
—
X
X
—
216
X
—
X
X
—
X
X
320
X
X
X
X
—
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com