Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 15 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 11Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 12Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
DS12152 Rev 7
15/37
Teseo-LIV3F
Assisted GNSS
35
An unique feature of ST- Assisted GPS is the dual-mode ability to seamless fall back from
the 14-days server-based prediction to 5-days autonomous prediction capability which self-
sustains on the field depending on usage patterns. This is very useful to keep quality of the
GNSS experience should a connected device loose its ability to contact the server for
coverage or roaming issues or any other wireless connectivity problem.
4.3
RealTime AGPS
RealTime Assisted GPS (RT-AGPS) solution is a server based Assisted GPS, therefore it
requires a network connection to download assistance data from the server.
RT-AGPS works downloading by an assistance server the real time ephemeris data. Server
access is allowed thanks to internal keyword provided by Teseo-LIV3F to the Host
processor and the acquired real-time data have to be provided to Teseo-LIV3F.
Proprietary NMEA commands are supported on Teseo-LIV3F to acquire the credential
access to the external server and to inject the data to Teseo-LIV3F.
STMicroelectronics partner provides available server solution access for free on Teseo-
LIV3F solution.
RealTime A-GPS allows continuous /real-time satellite position determination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com