Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 36 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 30Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 31Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 32Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 33Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 34Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 35Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 36Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
Teseo-LIV3F
36/37
DS12152 Rev 7
Revision history
Table 12. Revision history
Date
Revision
Changes
20-Jun-2017
1
Initial release.
07-Aug-2017
2
Updated unit value for the symbol PWStandby in Table 8.
19-Dec-2017
3
Added Chapter 18: Labelling information.
Added Chapter 19: Reflow soldering profile
12-Apr-2018
4
Added Table 1: Device summary.
Updated Features in cover page from “163 dBm navigation
sensitivity” to “-163 dBm navigation sensitivity”.
Chapter 4: Assisted GNSS
:
– updated the sentence from “Teseo-LIV3F supports two
types of Assisted GPS.” to “Teseo-LIV3F supports three
types of Assisted GNSS.”
Added Section 4.2: Predictive AGNSS.
Added Section 17.3: ESD handling precautions .
In Table 11: Soldering profile values updated value of
“Peak temperature (TP)” from “240 + 0 °C” to “245 +/- 5 °C”
Removed Chapter “Regulatory compliance”.
01-Aug-2018
5
Added Section 17.4: Moisture sensitivity levels.
16-Apr-2019
6
Updated Features in cover page.
Updated Figure 3: Teseo-LIV3F mechanical specification.
Added Chapter 14: Regulatory compliance.
20-Sep-2019
7
Updated Table 2: GNSS performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com