Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3F Datasheet(PDF) 20 Page - STMicroelectronics

Part # TESEO-LIV3F
Description  Tiny GNSS module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TESEO-LIV3F Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Power mode
Teseo-LIV3F
20/37
DS12152 Rev 7
9
Power mode
Standby mode, is the mode where only low power backup domain is running. It means
VBAT must be always maintained. It allows to have very low current consumption and fast
GNSS reacquisition at the end of the standby time due to RTC.
Teseo-LIV3F offers two different ways of standby:
Hardware standby
Software standby
9.1
Hardware standby
This standby is ensured by switching OFF VCC (pin 6) and VCC_IO (pin 7) supplies and
setting SYS_RESETn (pin 9) to 0 V. It can be activated asynchronously from GNSS binary
with one GPIO switching OFF the supplies from a host.
During this standby only VBAT (pin 6) is kept ON.
It ensures a current below 6 µA. During this standby mode VCC_RF (pin 14) is OFF.
9.2
Software standby
Software standby is activated by the internal binary.
Software standby can be:
Host driven standby: where the host raises a NMEA commands to force Teseo-LIV3F
in standby; host can woken up Teseo-LIV3F using the Wakeup pin (pin 5);
Periodic standby: where Teseo-LIV3F enters and exits from standby using internal
RTC. Periodic fixes are from 5 seconds up to 24 hours between 2 fixes.
It ensures a current below 12 µA on Teseo-LIV3F. Be careful that VCC_RF is ON during this
standby, then in case of active antenna or external LNA, it is important to switch them OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com