Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 29 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 29 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
29 / 39
5
Check the rib or Bracket on back cover
Define
1.It is necessary that the height of back cover rib or bracket is higher than LCM height. It can
prevent direct compression of panel at LCM edge.
2.”ㄱ” shape bracket is stronger than “I” shape one.
6
Check the gap between front cover and LCM (glass)
Define
Ripple can be happened by little gap between glass and front cover.
Back cover
LCM
Rib
OK
Back cover
LCM
NG
Back cover
LCM
Bracket
OK
Back cover
LCM
CO
Back cover
LCM
Front cover
a
[OK] a
≥ 0.3mm
[CO] 0.3mm
≥ a ≥ 0.1mm
[NG] a
≤ 0.1mm
APPENDIX A. LGD Proposal for system cover design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com