Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
8 / 39
3-3. Interface Connections
Table 4. MODULE CONNECTOR PIN CONFIGURATION (CN1)
Pin
Symbol
Description
Notes
1
NC Reserved
Reserved for LCD manufacturer‟s use
[Connector]
HD2S030HA2, JAE, 30, 0.5
or equivalent
[Connector pin arrangement]
Pin 30
Pin 1
[LGD P-Vcom using information]
1. Pin for P-Vcom : #24, #25
2. P-Vcom Address : 0101000x
2
GND
High Speed Ground
3
Lane1_N
Complement Signal Link Lane 1
4
Lane1_P
True Signal Link Lane 1
5
GND
High Speed Ground
6
Lane0_N
Complement Signal Link Lane 0
7
Lane0_P
True Signal Link Lane 0
8
GND
High Speed Ground
9
AUX_CH_P
True Signal Auxiliary Channel
10
AUX_CH_N
Complement Signal Auxiliary Channel
11
GND
High Speed Ground
12
VCC
LCD logic and driver power
13
VCC
LCD logic and driver power
14
LCD Self Test or NC
LCD Panel Self Test Enable (Optional)
15
GND
LCD logic and driver ground
16
GND
LCD logic and driver ground
17
HPD
HPD signal pin
18
BL_GND
LED Backlight ground
19
BL_GND
LED Backlight ground
20
BL_GND
LED Backlight ground
21
BL_GND
LED Backlight ground
22
BL ENABLE
LED Backlight control on/off control
23
BL PWM
System PWM signal input for dimming
24
NC Reserved
Reserved for LCD manufacture‟s use
25
NC Reserved
Reserved for LCD manufacture‟s use
26
VLED
LED Backlight power (12V Typical)
27
VLED
LED Backlight power (12V Typical)
28
VLED
LED Backlight power (12V Typical)
29
VLED
LED Backlight power (12V Typical)
30
NC Reserved
Reserved for LCD manufacture‟s use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com