Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 32 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 32 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 34Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 35Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 36Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
32 / 39
11
Check the gap [PCB ~ system]
Define
1. Gap is too small, FPC is easily cracked by interference and repetitive bending.
(circuit is opened) .
2. Gap is must be kept more than 0.5mm(max dim.) and 1.0mm(typ dim.) .
12
System rib (on A cover)
Define
1. Gap is too small and rib is too short, panel is easily cracked by external stress.
2. Gap is must be kept more than 0.5mm(max dim.) and 1.0mm(typ dim.) .
3. The figure of rib is continuous or fully long.
A
A’
a
Panel
BLU
Back cover
Rib, Frame …
FPC
a
≥ 0.5mm [at max dimension of design]
a
≥ 1.0mm [at typical dimension of
design]
OK
NG
Back cover
LCM
Rib
a
External
shock
crack
a
≥ 0.5mm [at max dimension of design]
a
≥ 1.0mm [at typical dimension of
design]
APPENDIX A. LGD Proposal for system cover design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com