Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
7 / 39
3-2. LED Backlight Electrical Characteristics
Table 3. LED B/L ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
LED Power Input Voltage
VLED
6.0
12.0
21.0
V
1
LED Power Input Current
ILED
-
285
295
mA
2
LED Power Consumption
PLED
-
3.4
3.5
W
LED Power Inrush Current
ILED_P
-
-
1.5
A
3
PWM Duty Ratio
1
-
100
%
4
PWM Jitter
0
-
0.2
%
5
PWM Frequency
FPWM
200
-
1000
Hz
6
PWM
High Level Voltage
V
PWM_H
2.2
-
5.3
V
Low Level Voltage
V
PWM_L
0
-
0.6
V
LED_EN
High Voltage
VLED_EN_H
2.2
-
5.3
V
Low Voltage
VLED_EN_L
0
-
0.6
V
Life Time
12,000
-
-
Hrs
7
Note)
1. The measuring position is the connector of LCM and the test conditions are under 25℃.
2. The current and power consumption with LED Driver are under the V
LED = 12.0V , 25℃, PWM Duty 100%
and White pattern with the normal frame frequency operated(60Hz).
3. The V
LED rising time is same as the minimum of T13 at Power on sequence.
4. The operation of LED Driver below minimum dimming ratio may cause flickering or reliability issue.
5. If Jitter of PWM is bigger than maximum, it may induce flickering.
6. This Spec. is not effective at 100% dimming ratio as an exception because it has DC level equivalent to 0Hz.
In spite of acceptable range as defined, the PWM Frequency should be fixed and stable for more consistent
brightness control at any specific level desired.
7. The life time is determined as the time at which brightness of LCD is 50% compare to that of minimum
value specified in table 7. under general user condition.
10%
90%
0.5ms
12.0V
0V
Rising time
VLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com