Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
3-3-5. eDP HPD Signal
Parameter
Symbol
Min
Typ
Max
Unit
Notes
HPD Voltage
HPD
2.25
-
3.6
V
Sink side Driving
Hot Plug Detection Threshold
2.0
-
-
V
Source side Detecting
Hot Unplug Detection Threshold
-
-
0.8
V
HPD_IRQ Pulse Width
HPD_IRQ
0.5
-
1.0
ms
HPD_TimeOut
2.0
-
-
ms
HPD Unplug Event
[ HPD Events ]
HPD_TimeOut (2ms)
HPD_IRQ Pulse
(0.5 ~ 1.0ms)
HPD
Case1 : HPD IRQ Event
Case2 : Hot Unplug Event
Case3 : Hot Plug / Re-plug Event
Note)
1. HPD IRQ : Sink device wants to notify the Source device that Sink‟s status has changed so it toggles HPD line,
forcing the Source device to read its Link / Sink Receiver DPCD field via the AUX-CH
2. HPD Unplug : The Sink device is no longer attached to the Source device and the Source device may then disable its
Main Link as a power saving mode
3. Plug / Re-plug : The Sink device is now attached to the Source device, forcing the Source device to read its Receiver
capabilities and Link / Sink status Receiver DPCD fields via the AUX-CH
12 / 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com