Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Unit Interval for high bit rate
(2.7Gbps / lane)
UI_HBR
-
370
-
ps
Unit Interval for reduced bit rate
(1.62Gbps / lane)
UI_RBR
-
617
-
ps
Link Clock Down Spreading
Amplitude
0
-
0.5
%
Frequency
30
33
kHz
Differential peak-to-peak voltage
at Source side connector
V
TX-DIFFp-p
350
-
-
mV
For HBR(2.7Gbps)
400
-
-
For RBR(1.62Gbps)
EYE width
at Source side connector
T
TX-EYE-CONN
0.58
-
-
UI
For HBR(2.7Gbps)
0.75
-
-
UI
For RBR(1.62Gbps)
Differential peak-to-peak voltage
at Sink side connector
V
RX-DIFFp-p
150
-
-
mV
For HBR(2.7Gbps)
136
-
-
For RBR(1.62Gbps)
EYE width
at Sink side connector
T
RX-EYE-CONN
0.51
-
-
UI
For HBR(2.7Gbps)
0.46
-
-
UI
For RBR(1.62Gbps)
Rx DC common mode voltage
V
RX CM
0
-
1.0
V
AC Coupling Capacitor
C
SOURCE_ML
75
200
nF
Source side
3-3-3. eDP Main Link Signal
Note)
1. Termination resistor is typically integrated into the transmitter and receiver implementations.
2. AC Coupling Capacitor is not placed at the sink side.
3. In cabled embedded system, it is recommended the system designer ensure that EYE width and voltage are met
at the sink side connector pins.
10 / 39
50Ω
50Ω
50Ω
50Ω
Vbias
Tx
Vbias
Rx
C_ML
C_ML
Source
Connector
Sink
Connector
8
8
ML_N
ML_P
[ Main Link Differential Pair ]
T
X
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com