Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
3-3-2. Main Link EYE Diagram
3-3. eDP Signal Timing Specifications
V
DIFFp-p
V
DIFF
V
CM
V
D+
V
D-
V
DIFF
0 V
V
DIFF = VD+ - VD-
V
DIFFp-p = (2* max | VD+ - VD-|)
Common Mode Voltage
V
CM = (VD+ + VD-) / 2
V
CM
[ Definition of Differential Voltage ]
UI
Volts
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
2
3
4
5
6
7
8
UI
Volts
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
2
3
4
[ EYE Mask at Source Connector Pins ]
[ EYE Mask at Sink Connector Pins ]
Point
Reduced Bit Rate
High Bit Rate
Time(UI)
Voltage(V)
Time(UI)
Voltage(V)
1
0.127
0.000
0.210
0.000
2
0.291
0.160
0.355
0.140
3
0.500
0.200
0.500
0.175
4
0.709
0.200
0.645
0.175
5
0.873
0.000
0.790
0.000
6
0.709
-0.200
0.645
-0.175
7
0.500
-0.200
0.500
-0.175
8
0.291
-0.160
0.355
-0.140
Point
Reduced Bit Rate
High Bit Rate
Time(UI)
Voltage(V)
Time(UI)
Voltage(V)
1
0.375
0.000
0.246
0.000
2
0.500
0.023
0.500
0.075
3
0.625
0.000
0.755
0.000
4
0.500
-0.023
0.500
-0.075
[ EYE Mask Vertices at Source Connector Pins ]
[ EYE Mask Vertices at Sink Connector Pins ]
Point
Reduced Bit Rate
High Bit Rate
Time(UI)
Voltage(V)
Time(UI)
Voltage(V)
1
0.270
0.000
0.246
0.000
2
0.500
0.068
0.500
0.075
3
0.731
0.000
0.755
0.000
4
0.500
-0.068
0.500
-0.075
[ EYE Mask Vertices at embedded DP Sink Connector Pins ]
3-3-1. Definition of Differential Voltage
9 / 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com