Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
3-3-4. eDP AUX Channel Signal
Parameter
Symbol
Min
Typ
Max
Unit
Notes
AUX Unit Interval
UI
0.4
-
0.6
us
AUX Jitter at Tx IC Package Pins
T
jitter
-
-
0.04
UI
Equal to 24ns
AUX Jitter at Rx IC Package Pins
-
-
0.05
UI
Equal to 30ns
AUX Peak-to-peak voltage
at Connector Pins of Receiving
V
AUX-DIFFp-p
0.39
-
1.38
V
AUX Peak-to-peak voltage
at Connector Pins of Transmitting
0.36
-
1.36
V
AUX EYE width
at Connector Pins of Tx and Rx
0.98
-
-
UI
AUX DC common mode voltage
V
AUX-CM
0
-
1.0
V
AUX AC Coupling Capacitor
C
SOURCE-AUX
75
200
nF
Source side
Note)
1. Termination resistor is typically integrated into the transmitter and receiver implementations.
2. AC Coupling Capacitor is not placed at the sink side.
3. V
AUX-DIFFp-p = 2*|VAUXP-VAUXN|
11 / 39
50Ω
50Ω
50Ω
50Ω
Vbias
Tx
Vbias
Rx
C_Aux
C_Aux
Source
Connector
Sink
Connector
8
8
8
8
Aux_Ch_N
Aux_Ch_P
[ Recommended eDP AUX Channel Differential Pair ]
AUX Ch.
T
X
AUX Ch.
R
X
AUX Ch.
T
X
AUX Ch.
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com