Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP156WF4 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
4 / 39
1. General Description
The LP156WF4 is a Color Active Matrix Liquid Crystal Display with an integral LED backlight system. The
matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in
the normally white mode. This TFT-LCD has 15.6 inches diagonally measured active display area with FHD
resolution (1920 horizontal by 1080 vertical pixel array). Each pixel is divided into Red, Green and Blue sub-
pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is
determined with a 6-bit gray scale signal for each dot, thus, presenting a palette of more than 262,144
colors. The LP156WF4 has been designed to apply the interface method that enables low power, high
speed, low EMI. The LP156WF4 is intended to support applications where thin thickness, low power are
critical factors and graphic displays are important. In combination with the vertical arrangement of the sub-
pixels, the LP156WF4 characteristics provide an excellent flat display for office automation products such as
Notebook PC.
VLED
LED_EN
PWM
VCC
Main Link
VOUT_LED
LED Cathode
AUX
HPD
DVCC, AVDD,
Vcom, Gamma
Data Signal,
Gate Signal
General Features
Active Screen Size
15.6 inches diagonal
Outline Dimension
359.5(H, Typ.) × 223.75(V, Typ.) × 3.2(D, Max.) [mm](with Bracket & PCB Board)
Pixel Pitch
0.17925 mm X 0.17925 mm
Pixel Format
1920 horiz. By 1080 vert. Pixels RGB strip arrangement
Color Depth
6-bit, 262,144 colors
Luminance, White
220 cd/m2(Typ.)
Power Consumption
Total 4.2W (Typ.) Logic : 0.8W (Typ. @ Mosaic), B/L : 3.4W (Typ.)
Weight
350g (Max.) / 340g(Typ.)
Display Operating Mode
Normally Black
Surface Treatment
Anti-glare treatment of the front Polarizer
RoHS Compliance
Yes
BFR / PVC / As Free
Yes for all
DVCC
Source Driver
TFT-LCD Panel
(1920 x RGB x 1080)
EEPROM
for EDID & T-Con
LED Driver
Power Block
Timing
Controller
30
LED Backlight
I2C
1
1080
1920
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com