Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
6 / 39
3. Electrical Specifications
3-1. LCD Electrical Characteristics
Table 2. LCD ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
Power Supply Input Voltage
VCC
3.0
3.3
3.6
V
1
Permissive Power Supply Input Ripple
VCCrp
-
-
100
mV
p-p
Power Supply Input Current
Mosaic
ICC
-
250
310
mA
2
Power Consumption
PCC
-
0.8
1.0
W
Power Supply Inrush Current
ICC_P
-
-
1.5
A
3
Differential Impedance
ZLVDS
90
100
110
Ω
Note)
1. The measuring position is the connector of LCM and the test conditions are under 25℃, fv = 60Hz
2. The specified I
CC current and power consumption are under the VCC = 3.3V , 25℃, fv = 60Hz condition
and Mosaic pattern.
3. The V
CC rising time is same as the minimum of T1 at Power on sequence.
10%
90%
0.5ms
3.3V
0V
Rising time
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com