Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP156WF4 Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
19 / 39
5. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LP156WF4. In addition the figures
in the next page are detailed mechanical drawing of the LCD.
Outline Dimension
Horizontal
359.5
 0.5 mm
Vertical
223.75
 0.5 mm(with Bracket & PCB Board)
Thickness
3.2 mm(max.)
Bezel Area
Horizontal
347.45
 0.5 mm
Vertical
196.8
 0.5 mm
Active Display Area
Horizontal
344.16 mm
Vertical
193.59 mm
Weight
350g (Max.) / 340g(Typ.)
Surface Treatment
Anti-Glare treatment of the front polarizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com