Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 118 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 114Page - Texas Instruments ADC32RF83 Datasheet HTML 115Page - Texas Instruments ADC32RF83 Datasheet HTML 116Page - Texas Instruments ADC32RF83 Datasheet HTML 117Page - Texas Instruments ADC32RF83 Datasheet HTML 118Page - Texas Instruments ADC32RF83 Datasheet HTML 119Page - Texas Instruments ADC32RF83 Datasheet HTML 120Page - Texas Instruments ADC32RF83 Datasheet HTML 121Page - Texas Instruments ADC32RF83 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 138 page
background image
118
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.13.17 Register 037h (address = 037h), Power Detector Page
Figure 251. Register 037h
7
6
5
4
3
2
1
0
0
0
0
0
IODIR GPIO4
IODIR GPIO3
IODIR GPIO2
IODIR GPIO1
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 114. Register 037h Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
W
0h
Must write 0
3-0
IODIRGPIO[4:1]
R/W
0h
These bits select the output direction for the GPIO[4:1] pins.
0 = Input (for the NCO control)
1 = Output (for the AGC alarm function)
8.5.13.18 Register 038h (address = 038h), Power Detector Page
Figure 252. Register 038h
7
6
5
4
3
2
1
0
0
0
INSEL1
0
0
INSEL0
W-0h
W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 115. Register 038h Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
W
0h
Must write 0
5-4
INSEL1
R/W
0h
These bits select which GPIO pin is used for the INSEL1 bit.
00 = GPIO4
01 = GPIO1
10 = GPIO3
11 = GPIO2
Table 116 lists the NCO selection, based on the bit settings of
the INSEL pins.
3-2
0
W
0h
Must write 0
1-0
INSEL0
R/W
0h
These bits select which GPIO pin is used for the INSEL0 bit.
00 = GPIO4
01 = GPIO1
10 = GPIO3
11 = GPIO2
Table 116 lists the NCO selection, based on the bit settings of
the INSEL pins.
Table 116. INSEL Bit Settings
INSEL1
INSEL2
NCO SELECTED
0
0
NCO1
0
1
NCO2
1
0
NCO3
1
1
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com