Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 119 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 115Page - Texas Instruments ADC32RF83 Datasheet HTML 116Page - Texas Instruments ADC32RF83 Datasheet HTML 117Page - Texas Instruments ADC32RF83 Datasheet HTML 118Page - Texas Instruments ADC32RF83 Datasheet HTML 119Page - Texas Instruments ADC32RF83 Datasheet HTML 120Page - Texas Instruments ADC32RF83 Datasheet HTML 121Page - Texas Instruments ADC32RF83 Datasheet HTML 122Page - Texas Instruments ADC32RF83 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 138 page
background image
119
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Start-Up Sequence
The steps in Table 117 are recommended as the power-up sequence when the ADC32RF8x is in the decimation-
by-4 complex output mode.
Table 117. Initialization Sequence
STEP
DESCRIPTION
PAGE, REGISTER
ADDRESS AND DATA
COMMENT
1
Supply all supply voltages. There is no required
power-supply sequence for the 1.15 V, 1.2 V,
and 1.9 V supplies, and can be supplied in any
order.
—
—
2
Provide the SYSREF signal.
—
—
3
Pulse a hardware reset (low-to-high-to-low) on
pins 33 and 34.
—
—
4
Write the register addresses described in the
PowerUpConfig file.
See the files located in
SBAA226
The Power-up config file contains analog
trim registers that are required for best
performance of the ADC. Write these
registers every time after power up.
5
Write the register addresses mentioned in the
ILConfigNyqX_ChA file, where X is the Nyquist
zone.
See the files located in
SBAA226
Based on the signal band of interest, provide
the Nyquist zone information to the device.
6
Write the register addresses mentioned in the
ILConfigNyqX_ChB file, where X is the Nyquist
zone.
See the files located in
SBAA226
This step optimizes device’ performance by
reducing interleaving mismatch errors.
6.1
Wait for 50 ms for the device to estimate the
interleaving errors.
—
—
7
Depending upon the Nyquist band of operation,
choose and write the registers from the
appropriate file, NLConfigNyqX_ChA, where X
is the Nyquist zone.
See the files located in
SBAA226
Third-order nonlinearity of the device is
optimized by this step for channel A.
7.1
Depending upon the Nyquist band of operation,
choose and write the registers from the
appropriate file, NLConfigNyqX_ChB, where X
is the Nyquist zone.
See the files located in
SBAA226
Third-order nonlinearity of the device is
optimized by this step for channel B.
8
Configure the JESD interface and DDC block
by writing the registers mentioned in the DDC
Config file.
See the files located in
SBAA226
Determine the DDC and JESD interface
LMFS options. Program these options in this
step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com