Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 123 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 119Page - Texas Instruments ADC32RF83 Datasheet HTML 120Page - Texas Instruments ADC32RF83 Datasheet HTML 121Page - Texas Instruments ADC32RF83 Datasheet HTML 122Page - Texas Instruments ADC32RF83 Datasheet HTML 123Page - Texas Instruments ADC32RF83 Datasheet HTML 124Page - Texas Instruments ADC32RF83 Datasheet HTML 125Page - Texas Instruments ADC32RF83 Datasheet HTML 126Page - Texas Instruments ADC32RF83 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 138 page
background image
123
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.1.4 Power Consumption in Different Modes
The ADC32RF8x consumes approximately 6.6 W of power when both channels are active with a divide-by-4
complex output. When different DDC options are used, the power consumption on the DVDD supply changes by
a small amount but remains unaffected on other supplies. In the applications requiring just one channel to be
active, channel A must be chosen as the active channel and channel B can be powered down. Power
consumption reduces to approximately 4 W in single-channel operation with a divide-by-4 option at a 2949.12-
MSPS device clock rate.
Table 119 shows power consumption in different DDC modes for dual-channel and single-channel operation.
Table 119. Power Consumption in Different DDC Modes (Sampling Clock Frequency, fS = 3 GSPS)
DECIMATION
OPTION
ACTIVE
CHANNEL
ACTIVE DDC
AVDD19 (mA)
AVDD (mA)
DVDD (mA)
TOTAL POWER
(mW)
Divide-by-4
Channels A, B
Single
1777
970
1785
6545
Divide-by-8
Channels A, B
Dual
1777
973
1960
6749
Divide-by-8
Channels A, B
Single
1777
973
1730
6485
Divide-by-16
Channels A, B
Dual
1777
972
1971
6761
Divide-by-16
Channels A, B
Single
1777
972
1705
6455
Divide-by-24
Channels A, B
Dual
1771
975
1938
6715
Divide-by-24
Channels A, B
Single
1771
972
1667
6400
Divide-by-32
Channels A, B
Dual
1768
972
1835
6587
Divide-by-32
Channels A, B
Single
1768
970
1574
6285
Divide-by-4
Channel A
Single
961
796
1096
4002
Divide-by-8
Channel A
Dual
961
790
1168
4078
Divide-by-8
Channel A
Single
961
786
1047
3934
Divide-by-16
Channel A
Dual
961
789
1172
4081
Divide-by-16
Channel A
Single
961
786
1045
3932
Divide-by-24
Channel A
Dual
958
785
1155
4051
Divide-by-24
Channel A
Single
958
787
1016
3894
Divide-by-32
Channel A
Dual
956
788
1104
3992
Divide-by-32
Channel A
Single
956
786
978
3845



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com