Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 124 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 120Page - Texas Instruments ADC32RF83 Datasheet HTML 121Page - Texas Instruments ADC32RF83 Datasheet HTML 122Page - Texas Instruments ADC32RF83 Datasheet HTML 123Page - Texas Instruments ADC32RF83 Datasheet HTML 124Page - Texas Instruments ADC32RF83 Datasheet HTML 125Page - Texas Instruments ADC32RF83 Datasheet HTML 126Page - Texas Instruments ADC32RF83 Datasheet HTML 127Page - Texas Instruments ADC32RF83 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 138 page
background image
+
Estimator
+
±
Freeze
Correction
Disable
Correction
Data In
Data Out
Offset Corrector
INxP
INxM
CM
Driving Amp
VOCM
RS / 2
RS / 2
ADC32RF80
Digital
OUTP
OUTM
ADC
JESD
204B
Interface
Digital
Ouput
Low-Pass
Filter
RTERM
Copyright © 2016, Texas Instruments Incorporated
Interleaving
Engine
DDC
Block
Offset
Corrector
RDC / 2
VCM
RCM
(1)
RDC/2
(2)
124
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.1.5 Using DC Coupling in the ADC32RF8x
The ADC32RF8x can be used in dc-coupling applications. However, the following points must be considered
when designing the system:
1. Ensure that the correct common-mode voltage is used at the ADC analog inputs.
The analog inputs are internally self-biased to VCM through approximately a 33-Ω resistor. The internal
biasing resistors also function as a termination resistor. However, if a different termination is required, the
external resistor RTERM can be differentially placed between the analog inputs, as shown in Figure 257. The
amplifier VOCM pin is recommended to be driven from the CM pin of the ADC to help the amplifier output
common-mode voltage track the required common-mode voltage of the ADC.
(1)
Set the INCR CM IMPEDANCE bit to increase the RCM from 0 Ω to > 5000 Ω.
(2)
RDC is approximately 65 Ω.
Figure 257. The ADC32RF8x in a DC-Coupling Application
2. Ensure that the correct SPI settings are written to the ADC.
As shown in Figure 258, the ADC32RF8x has a digital block that estimates and corrects the offset mismatch
among four interleaving ADC cores for a given channel.
Figure 258. Offset Corrector in the ADC32RF8x
The offset corrector block nullifies dc, fS / 8, fS / 4, 3 fS / 8, and fS / 2. The resulting spectrum becomes free
from static spurs at these frequencies. The corrector continuously processes the data coming from the
interleaving ADC cores and cannot distinguish if the tone at these frequencies is part of signal or if the tone
originated from a mismatch among the interleaving ADC cores. Thus, in applications where the signal is
present at these frequencies, the offset corrector block can be bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com