Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 128 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 124Page - Texas Instruments ADC32RF83 Datasheet HTML 125Page - Texas Instruments ADC32RF83 Datasheet HTML 126Page - Texas Instruments ADC32RF83 Datasheet HTML 127Page - Texas Instruments ADC32RF83 Datasheet HTML 128Page - Texas Instruments ADC32RF83 Datasheet HTML 129Page - Texas Instruments ADC32RF83 Datasheet HTML 130Page - Texas Instruments ADC32RF83 Datasheet HTML 131Page - Texas Instruments ADC32RF83 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
AVDD
(1.15 V)
DVDD
(1.15 V)
AVDD19
(1.9 V)
128
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The DVDD power supply (1.15 V) must be stable before ramping up the AVDD19 supply (1.9 V), as shown in
Figure 265. The AVDD supply (1.15 V) can come up in any order during the power sequence. The power
supplies can ramp up at any rate and there is no hard requirement for the time delay between DVDD (1.15 V)
ramping up to AVDD (1.9 V) ramping up (which can be in orders of microseconds but is recommended to be a
few milliseconds).
Figure 265. Power Sequencing for the ADC32RF8x Family of devices
11 Layout
11.1 Layout Guidelines
The device evaluation module (EVM) layout can be used as a reference layout to obtain the best performance. A
layout diagram of the EVM top layer is provided in Figure 266. The ADC32RF45/RF80 EVM Quick Startup Guide
provides a complete layout of the EVM. Some important points to remember during board layout are:
•
Analog inputs are located on opposite sides of the device pinout to ensure minimum crosstalk on the package
level. To minimize crosstalk onboard, the analog inputs must exit the pinout in opposite directions, as shown
in the reference layout of Figure 266 as much as possible.
•
In the device pinout, the sampling clock is located on a side perpendicular to the analog inputs in order to
minimize coupling. This configuration is also maintained on the reference layout of Figure 266 as much as
possible.
•
Keep digital outputs away from the analog inputs. When these digital outputs exit the pinout, the digital output
traces must not be kept parallel to the analog input traces because this configuration can result in coupling
from the digital outputs to the analog inputs and degrade performance. All digital output traces to the receiver
[such as field-programmable gate arrays (FPGAs) or application-specific integrated circuits (ASICs)] must be
matched in length to avoid skew among outputs.
•
At each power-supply pin (AVDD, DVDD, or AVDD19), keep a 0.1-µF decoupling capacitor close to the
device. A separate decoupling capacitor group consisting of a parallel combination of 10-µF, 1-µF, and 0.1-µF
capacitors can be kept close to the supply source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com