Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 125 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 121Page - Texas Instruments ADC32RF83 Datasheet HTML 122Page - Texas Instruments ADC32RF83 Datasheet HTML 123Page - Texas Instruments ADC32RF83 Datasheet HTML 124Page - Texas Instruments ADC32RF83 Datasheet HTML 125Page - Texas Instruments ADC32RF83 Datasheet HTML 126Page - Texas Instruments ADC32RF83 Datasheet HTML 127Page - Texas Instruments ADC32RF83 Datasheet HTML 128Page - Texas Instruments ADC32RF83 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 138 page
background image
Temperature (°C)
-40
-15
10
35
60
85
-100
-90
-80
-70
-60
-50
-40
Average of fS/8
Average of 3fS/8
Average of fS/4
Temperature (°C)
-40
-15
10
35
60
85
-100
-90
-80
-70
-60
-50
-40
-30
-20
Average of fS/4
Average of fS/8
Average of 3fS/8
125
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.1.5.1 Bypassing the Offset Corrector Block
When the offset corrector is bypassed, offset mismatch among interleaving ADC cores appears in the ADC
output spectrum. To correct the effects of mismatch, place the ADC in an idle channel state (no signal at the
ADC inputs) and the corrector must be allowed to run for some time to estimate the mismatch, then the corrector
is frozen so that the last estimated value is held. Required register writes are provided in Table 120.
Table 120. Freezing and Bypassing the Offset Corrector Block
STEP
REGISTER WRITE
COMMENT
STEPS FOR FREEZING THE CORRECTOR BLOCK
1
—
Signal source is turned off. The device detects an idle channel at its input.
2
—
Wait for at least 0.4 ms for the corrector to estimate the internal offset
3
Address 4001h, value 00h
Select Offset Corr Page Channel A
Address 4002h, value 00h
Address 4003h, value 00h
Address 4004h, value 61h
Address 6068h, value C2h
Freeze the corrector for channel A
Address 4003h, value 01h
Select Offset Corr Page Channel B
Address 6068h, value C2h
Freeze the corrector for channel B
4
—
Signal source can now be turned on
STEPS FOR BYPASSING THE CORRECTOR BLOCK
1
Address 4001h, value 00h
—
Address 4002h, value 00h
Address 4003h, value 00h
Address 4004h, value 61h
Select Offset Corr Page Channel A
Address 6068h, value 46h
Disable the corrector for channel A
Address 4003h, value 01h
Select Offset Corr Page Channel B
Address 6068h, value 46h
Disable the corrector for channel B
9.1.5.1.1
Effect of Temperature
Figure 259 and Figure 260 show the behavior of nfS / 8 tones with respect to temperature when the offset
corrector block is frozen or disabled.
Figure 259. Offset Corrector Block Frozen at Room
Temperature
Figure 260. Offset Corrector Block Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com