Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 121 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 117Page - Texas Instruments ADC32RF83 Datasheet HTML 118Page - Texas Instruments ADC32RF83 Datasheet HTML 119Page - Texas Instruments ADC32RF83 Datasheet HTML 120Page - Texas Instruments ADC32RF83 Datasheet HTML 121Page - Texas Instruments ADC32RF83 Datasheet HTML 122Page - Texas Instruments ADC32RF83 Datasheet HTML 123Page - Texas Instruments ADC32RF83 Datasheet HTML 124Page - Texas Instruments ADC32RF83 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 138 page
background image
Input Frequency (MHz)
10
100
1000
5000
52
53
54
55
56
57
58
59
60
61
62
63
D048
35 fs
50 fs
100 fs
150 fs
200 fs
2
2
Jitter
Jitter Ext _ Clock _ Input
Aperture_ ADC
t
t
,
t
Jitter
IN
Jitter
SNR
dBc
20log 2
f
t
S u
u
ª
º
¬
¼
Quantization Noise
Thermal Noise
Jitter
2
2
2
SNR
SNR
SNR
20
20
20
SNRADC dBc
20log
10
10
10
§
·
§
·
§
·
¨
¸
¨
¸
¨
¸
ª
º
¬
¼
¨
¸
¨
¸
¨
¸
©
¹
©
¹
©
¹
121
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.1.3 SNR and Clock Jitter
The signal-to-noise ratio (SNR) of the ADC is limited by three different factors: quantization noise, thermal noise,
and jitter, as shown in Equation 5. The quantization noise is typically not noticeable in pipeline converters and is
84 dB for a 14-bit ADC. The thermal noise limits the SNR at low input frequencies and the clock jitter sets the
SNR for higher input frequencies.
(5)
The SNR limitation resulting from sample clock jitter can be calculated by Equation 6:
(6)
The total clock jitter (TJitter) has two components: the internal aperture jitter (90 fS) is set by the noise of the clock
input buffer and the external clock jitter. TJitter can be calculated by Equation 7:
(7)
External clock jitter can be minimized by using high-quality clock sources and jitter cleaners as well as band-pass
filters at the clock input. A faster clock slew rate also improves the ADC aperture jitter.
The ADC32RF8x has a thermal noise of approximately 63 dBFS and an internal aperture jitter of 90 fS. The SNR,
depending on the amount of external jitter for different input frequencies, is shown in Figure 254.
Figure 254. ADC SNR vs Input Frequency and External Clock Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com