Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 126 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 122Page - Texas Instruments ADC32RF83 Datasheet HTML 123Page - Texas Instruments ADC32RF83 Datasheet HTML 124Page - Texas Instruments ADC32RF83 Datasheet HTML 125Page - Texas Instruments ADC32RF83 Datasheet HTML 126Page - Texas Instruments ADC32RF83 Datasheet HTML 127Page - Texas Instruments ADC32RF83 Datasheet HTML 128Page - Texas Instruments ADC32RF83 Datasheet HTML 129Page - Texas Instruments ADC32RF83 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 138 page
background image
Matching Network
100-
Differential
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
DB1P
GND
DB1M
DB2M
GPIO3
VCM
AVDD19
GND
GND
DA0P
DA1M
AVDD
ADC32RF80
GND PAD (backside)
DVDD
DA1P
DA0M
GPIO4
DVDD
SYSREFM
SYSREFP
GND
AVDD19
GND
CLKINM
CLKINP
GND
AVDD
GPIO1
GPIO2
DB0M
DB0P
DVDD
DB2P
17
18
36
SYNCBM
SYNCBP
54
53
56
55
DA2P
DA2M
35
10 nF
GND
10 nF
10 k
DVDD
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
100-
Differential
Low Jitter Clock
Generator
10 nF
AVDD
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
DVDD
DVDD
0.1 F
GND
DVDD
10 nF
GND
DVDD
0.1 F
GND
0.1 F
AVDD
0.1 F
DVDD
0.1 F
GND
AVDD19
AVDD
0.1 F
AVDD19
AVDD
AVDD19
AVDD19
0.1 F
Driver
0.1 F
Driver
AVDD19
DVDD
Matching Network
Matching
Network
SPI Master
FPGA
AVDD
DVDD
0.1 F
Copyright © 2016, Texas Instruments Incorporated
AVDD19
0.1 F
126
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2 Typical Application
The ADC32RF8x is designed for wideband receiver applications demanding high dynamic range over a large
input frequency range. A typical schematic for an ac-coupled receiver is shown in Figure 261.
Decoupling capacitors with low ESL are recommended to be placed as close as possible at the pins indicated in
Figure 261. Additional capacitors can be placed on the remaining power pins.
Figure 261. Typical Application Implementation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com