Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 127 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 123Page - Texas Instruments ADC32RF83 Datasheet HTML 124Page - Texas Instruments ADC32RF83 Datasheet HTML 125Page - Texas Instruments ADC32RF83 Datasheet HTML 126Page - Texas Instruments ADC32RF83 Datasheet HTML 127Page - Texas Instruments ADC32RF83 Datasheet HTML 128Page - Texas Instruments ADC32RF83 Datasheet HTML 129Page - Texas Instruments ADC32RF83 Datasheet HTML 130Page - Texas Instruments ADC32RF83 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 138 page
background image
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D001
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D003
CHx_INP
CHx_INM
1:1
5
(Optional)
0.1 F
1:1
5
(Optional)
0.1 F
0.1 F
TI Device
T2
T1
CIN
RIN
Copyright © 2016, Texas Instruments Incorporated
127
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
9.2.1.1 Transformer-Coupled Circuits
Typical applications involving transformer-coupled circuits are discussed in this section. To ensure good
amplitude and phase balance at the analog inputs, transformers (such as TC1-1-13 and TC1-1-43) can be used
from the dc to 1000-MHz range and from the 1000-MHz to 4-GHz range of input frequencies, respectively. When
designing the driving circuits, the ADC input impedance (or SDD11) must be considered.
By using the simple drive circuit of Figure 262, uniform performance can be obtained over a wide frequency
range. The buffers present at the analog inputs of the device help isolate the external drive source from the
switching currents of the sampling circuit.
Figure 262. Input Drive Circuit
9.2.2 Detailed Design Procedure
For optimum performance, the analog inputs must be driven differentially. This architecture improves common-
mode noise immunity and even-order harmonic rejection. A small resistor (5 Ω to 10 Ω) in series with each input
pin is recommended to damp out ringing caused by package parasitics, as shown in Figure 262.
9.2.3 Application Curves
Figure 263 and Figure 264 show the typical performance at 100 MHz and 1780 MHz, respectively.
SNR = 61.8 dBFS, SINAD = 61.2 dBFS,
HD2 = 71 dBc, HD3 = 75 dBc, SFDR = 71 dBc,
THD = 68 dBc, IL spur = 77 dBc, worst spur = 73 dBc
Figure 263. FFT for 100-MHz Input Frequency
SNR = 57.9 dBFS, SINAD = 57.1 dBFS,
HD2 = 63 dBc, HD3 = 66 dBc, SFDR = 63 dBc,
THD = 60 dBc, IL spur = 79 dBc, worst spur = 77 dBc
Figure 264. FFT for 1780-MHz Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com