Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 23Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 24 of 24
OUTLINE DIMENSIONS
2.54
2.44
2.34
0.35
0.30
0.25
10
1
6
5
0.30
0.25
0.20
0.80
0.75
0.70
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
2.10
2.00
1.90
3.10
3.00
2.90
1.00
0.90
0.80
COMPLIANT
TO JEDEC STANDARDS MO-229-WCED-3
EXPOSED
PAD
TOP VIEW
SIDE VIEW
BOTTOM VIE W
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
SEATING
PLANE
PIN 1
INDICATOR
AREA
DETAIL A
(JEDEC 95)
Figure 69. 10-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 2 mm Body and 0.75 mm Package Height
(CP-10-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering
Quantity
Marking
Code
ADL6012ACPZN
−40°C to +105°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-12
1
C9Y
ADL6012ACPZN-R2
−40°C to +105°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-12
100
C9Y
ADL6012ACPZN-R7
−40°C to +105°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-12
1000
C9Y
ADL6012SCPZN
−55°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-12
1
CAL
ADL6012SCPZN-R2
−55°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-12
100
CAL
ADL6012-EVALZ
Evaluation Board
1
1
Z = RoHS Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16086-5/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com