Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 13Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 14Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 17 of 24
MEASUREMENT SETUPS
SIGNAL
GENERATOR
SME06
AMPLIFIER
ZVA-183W-S+
SPLITTER
PD-0040
ADL6012
DIFFERENTIAL
PROBE
1131A
KEYSIGHT
MSOS254A
DC
POWER
SUPPLY
MXG
AGILENT
SIGNAL
GENERATOR
BIAS T
ZFBT-6GW-FT+
RF
DC
IF
RF
RF + DC
RF IN
VENV+
VENV–
LO
MIXER
ZMX-8GLH
RESISTIVE
PAD
CH1
CH2
CH3
E3631A
VPOS = 5V
Figure 55. Amplitude Modulation Envelope Bandwidth Measurement Setup
PULSE
GENERATOR
HP8133A
TRIGGER
OUTPUT
AMPLIFIER
ZVA-183W-S+
MARKI
POWER
SPLITTER
PD-0040
E3631A
VPOS = 5V
ADL6012
DIFFERENTIAL
PROBE
1131A
CH1
CH2
CH3
MXG N5183B
AGILENT
SIGNAL
GENERATOR
IF
RF
RF IN
VENV+
VENV–
LO
MIXER
ZMX-8GLH
RESISTIVE
PAD
KEYSIGHT
MSOS254A
Figure 56. Test Setup for Pulse Response
AGILENT
E8257D
E3631A
VPOS = 5V
ADL6012
HP
34401
RFIN
VENV+
VENV–
Figure 57. Setup to Measure Differential Envelope Output Voltage vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com