Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 23Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 22 of 24
The following equations are used to calculate the slope and
intercept of each device, which is used in calibration to improve
the detection accuracy:
Slope = (VOUT2 − VOUT1)/(VPEAK2 − VPEAK1)
(1)
Intercept = VOUT1 − (Slope × VPEAK1)
(2)
The error conformance is calculated as follows:
Error = 20 × log((VOUT − Intercept)/(Slope × VPEAK))
(3)
where:
VOUT2 is the output voltage with VPEAK2 input.
VOUT1 is the output voltage with VPEAK1 input.
VOUT is the differential envelope output voltage at different
input levels.
VPEAK1 and VPEAK2 are input peak voltages at two different input
levels.
VPEAK is the peak voltage input.
The ADL6012 offers extremely stable temperature performance
across frequencies. See Figure 25 to Figure 35 for the temperature
drift error from −55°C to +125°C. The typical temperature drift is
less than 1 dB of error over the entire detection range of the device
from 2 GHz to 67 GHz. This makes the device well suited
for applications operating over a wide temperature range.
Temperature drift error relative to 25°C is calculated as follows:
Temperature Drift Error (dB) = (VOUT (TEMPERATURE) −
VOUT (AT 25°C))/(dVOUT/dPIN)
(4)
where:
VOUT is the differential envelope output.
dVOUT/dPIN is the derivative of the transfer function of the
differential VENV± output at 25°C vs. the input power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com