Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 10Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 11Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 12Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 13Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 14Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 14 of 24
2.0
6.0
5.5
4.5
5.0
4.0
3.5
3.0
2.5
VPOS (V)
+15dBm
+10dBm
+5dBm
+0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
20
–20
–15
–5
10
–10
5
0
15
Figure 39. Envelope Output Error vs. VPOS at Different RF Input Power Levels
2.0
5.5
4.5
5.0
4.0
3.5
3.0
2.5
VPOS (V)
+15dBm
+10dBm
+5dBm
+0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
10
0.001
0.1
0.01
1
Figure 40. Differential VENV± Output vs. VPOS at Different RF Input Power Levels
0
70
55
35
65
45
25
15
5
60
40
50
30
20
10
FREQUENCY (GHz)
0
–80
–20
–40
–60
Figure 41. RF Feedthrough Insertion Loss (S21) from RFIN to VENV±
1
71
61
51
41
31
21
11
INPUT FREQUENCY (GHz)
+5dBm
0dBm
–15dBm
DISABLED
0
–18
–16
–14
–10
–4
–12
–6
–8
–2
Figure 42. Input Return Loss (S11) vs. Input Frequency with Input Connector
and PCB Trace Embedded
–2
8
6
4
2
0
TIME (ms)
3.0
0
0.5
2.0
1.5
1.0
2.5
5
0
+20dBm
+15dBm
+10dBm
+0dBm
–10dBm
ENBL
Figure 43. ENBL Pulse Response at Different RF Input Power Levels
0
40
30
20
10
TIME (ns)
2.0
–0.5
1.0
0.5
0
1.5
0
+15dBm
+10dBm
+5dBm
0dBm
–5dBm
–10dBm
RF INPUT
Figure 44. RF Input Pulse Response, Carrier = 4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com