Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADL6012SCPZN-R2 Datasheet HTML 1Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT INTERCEPT2
2 GHz
−0.266
V
5.8 GHz
−0.167
V
10 GHz
−0.166
V
18 GHz
−0.154
V
28 GHz
−0.161
V
38 GHz
−0.165
V
40 GHz
−0.155
V
43.5 GHz
−0.217
V
52 GHz
−0.177
V
60 GHz
−0.145
V
67 GHz
−0.070
V
DIFFERENTIAL ENVELOPE OUTPUT VOLTAGE
RFIN = 10 dBm
2 GHz
1.681
V
5.8 GHz
1.681
V
10 GHz
1.604
V
18 GHz
1.519
V
28 GHz
1.706
V
38 GHz
1.383
V
40 GHz
1.577
V
43.5 GHz
1.577
V
52 GHz
0.896
V
60 GHz
0.298
V
67 GHz
0.205
V
ENVELOPE OUTPUT INTERFACE
VENV+ (Pin 8), VENV− (Pin 9)
Output Impedance
Differential,10 MHz
100//0.3
Ω//pF
Envelope Bandwidth (−3 dB)
100 Ω differential load
500
MHz
Relative Gain3
100 MHz to 500 MHz
−4.3
−3.1
dB
100 MHz to 700 MHz
−8.2
−6.2
dB
Output Rise Time4
10% to 90%,100 Ω load
0.6
ns
Output Fall Time5
90% to 10%,100 Ω load
10 dBm to No RF Input
1.3
ns
0 dBm to No RF Input
0.5
ns
−5 dBm to No RF Input
0.4
ns
Output Propagation Delay6
Rising Edge
10 dBm
0.5
ns
Falling Edge
10 dBm
1.3
ns
5 dBm
1
ns
−5 dBm
0.5
ns
Common-Mode Voltage Range
Operating input range, VOCM pin
0.9
VPOS/2
V
Common-Mode Voltage7
VPOS = 5 V, VOCM is open
2.49
2.51
2.53
V
Minimum Output Common-Mode Voltage
VOCM (Pin 7) = 0.9 V
0.96
V
Maximum Output Common-Mode
Voltage
VOCM = 2.625 V
2.65
V
Short-Circuit Output Current
Differential load = 0 Ω, RFIN = 10 dBm
9.7
mA
Differential Output Noise Density
200 MHz, RFIN = 3 GHz
−145
dBm/Hz
Output Offset
No signal at RFIN, differential output
(VENV+) − (VENV−)
0
2
4.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com