Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 23Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 20 of 24
ENVELOPE OUTPUT INTERFACE
The differential envelope outputs, VENV+ and VENV−, provide
the envelope information of the input signal. The ADL6012 is
designed to drive 100 Ω differential or a 50 Ω load on each
VENV± output when ac-coupled. It is important that the
VENV± outputs are not dc-coupled to 50 Ω load referenced to
ground, which results in excessive dc current flow to the load
that may exceed the output drive capability, depending on the
output common-mode voltage level. The ADL6012 is suitable
for AM and pulse modulation detection. See Figure 48 and
Figure 49 for the typical AM and pulse output response,
respectively. The device features an extremely fast response
time of approximately 1 ns or less.
For applications that require fast response to RF input levels or
pulsed RF detection, connect the envelope outputs to trans-
mission lines with a differential characteristic impedance of 100 Ω,
terminated with a 100 Ω differential load, so that the outputs are
impedance matched with no reflections from the load. Figure 61
shows the simplified ADL6012 output stage interfaced to a
100 Ω load with impedance controlled transmission lines.
The output impedance of the ADL6012 drives a differential 100 Ω
load. The differential VENV± output dc voltage is divided down
by the ratio of the load and output impedance. For example,
with a differential 100 Ω output load, the differential output
voltage is halved from the open load voltage. See Figure 62 for the
differential envelope output voltage vs. the input power with
various output loads.
100Ω
ADL6012
RECEIVER
Z(DIFFERENTIAL) = 100Ω
50Ω
50Ω
VENV+
VENV–
9
8
Figure 61. Simplified ADL6012 Output Interface
–15
–5
5
15
0
2
1
3
4
INPUT POWER (dBm)
OPEN
400Ω
200Ω
100Ω
Figure 62. Differential Envelope Output vs. Input Power for Different Output Loads
The ADL6012 envelope outputs can also be ac-coupled for pulsed
detection applications, as shown in Figure 63. AC coupling allows
different common-mode voltages to be interfaced to the ADC.
For example, the VENV+ and VENV− outputs can be used to
detect pulses in radar applications. See Figure 49 for the typical
envelope pulse response.
VENV+ 9
VENV– 8
PULSED
VPOS
100pF
1µF
+5V
OCOM
EPAD
6
5
RFIN
3
R1
100Ω
C1
1µF
C2
1µF
U3
ADC
IN+
IN–
Figure 63. Simplified Pulsed Measurement Application
COMMON-MODE VOLTAGE INTERFACE
VOCM (Pin 7) is the input that controls the common-mode
voltage output to the VENV± pins. VOCM sets the output
common-mode voltage and is internally biased to VPOS/2.
An external voltage source can be used for setting a different
output common-mode voltage to accommodate the next stage
input common-mode voltage range, as shown in Figure 64. The
reference voltage from the ADC is used as the voltage source to
accurately drive the VOCM pin. The range for VOCM is 0.9 V
to VPOS/2. In addition, this pin is used to level shift the
VENV± outputs so that both the positive and negative
envelope information is accurately represented.
ENBL
RFCM
RFIN
EPAD
DCPL
VENV+
VENV–
R1
100Ω
0.1µF
0.1µF
U3
1
2
10
9
8
ADL6012
3
RFCM
VPOS
VOCM
OCOM
4
7
6
5
ADC
VREF
IN+
IN–
Figure 64. External Voltage Source Setting VOCM
Differential envelope outputs provide the lowest distortion and
lower noise. The advantages of differential outputs include lower
offset error, faster output response, higher common-mode noise
rejection, and less feedthrough. Place a 0.1 µF bypass capacitor
from VOCM to GND to minimize common-mode noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com