Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL6012SCPZN-R2 Datasheet HTML 1Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 5 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOCM INTERFACE
VOCM
VOCM Input Impedance
10
kΩ
VOCM Input Voltage Range
0.9
2.625
V
Current In to Pin
1.8
3.8
µA
ENBL INPUT
ENBL (Pin 1)
Logic High Voltage, VIH
1.5
V
Logic Low Voltage, VIL
0.5
V
Input Current
ENBL = 1.5 V
5
50
µA
Turn On Time8
RFIN = 10 dBm
200
µs
Turn Off Time9
90
ns
POWER SUPPLY
VPOS (Pin 5)
Operating Supply Voltage
3.15
5.0
5.25
V
Active Supply Current
No signal at RFIN
25.6
28.6
31.7
mA
Shutdown Supply Current
ENBL = 0 V
2
26
µA
1
Output drift over temperature is relative to 25°C, calculated by Equation 4 in the Applications Information section.
2
Detector gain is the slope of the best fit straight line obtained by linear regression on the input peak voltage range from 0.2 V to 1.6 V vs. the differential envelope
output voltage. Output intercept is the calculated differential envelope output voltage when the input is 0 V, based on the best fit line from linear regression.
3
Envelope bandwidth relative gain is the delta, in dB, of the VENV± differential output measured relative to 100 MHz.
4
Output rise time is the time required to change the voltage at the output pin from 10% to 90% of the final value. The input power is stepped from a no RF input to 10 dBm.
5
Output fall time is the time required to change the voltage at the output pin from 90% to 10% of the initial value. The input power is stepped from a specified power
level to a no RF input.
6
Propagation delay is the delay from a 50% change in RFIN to a 50% change in the output voltage.
7
Refer to Figure 50 and the Applications Information section to set the output common-mode voltage.
8
ENBL turn on time is from a 50% change in the voltage on the ENBL pin to 90% of the settled envelope output.
9
ENBL turn off time is from a 50% change in the voltage on the ENBL pin to a shut off condition in the supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com