Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL6012SCPZN-R2 Datasheet HTML 9Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 10Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 11Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 12Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 13Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 14Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 13 of 24
–30
20
15
0
–15
10
–5
–20
5
–10
–25
PIN (dBm)
3
–3
–2
1
0
–1
2
+125°C
+105°C
+85°C
–40°C
–55°C
Figure 33. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 52 GHz
–30
20
15
0
–15
10
–5
–20
5
–10
–25
PIN (dBm)
+125°C
+105°C
+85°C
–40°C
–55°C
3
–3
–2
1
0
–1
2
Figure 34. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 60 GHz
–30
20
15
0
–15
10
–5
–20
5
–10
–25
PIN (dBm)
+125°C
+105°C
+85°C
–40°C
–55°C
3
–3
–2
1
0
–1
2
Figure 35. Normalized Temperature Drift Error to 25°C vs. PIN for Various
Temperatures at 67 GHz
–35
15
5
–5
–15
–25
PIN (dBm)
10
0.001
0.01
0.1
1
VPOS = 5.0V
VPOS = 3.3V
Figure 36. Differential VENV± Output Voltage vs. PIN for Various Supply
Voltages
0
6
5
4
3
2
1
VPOS (V)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
35
0
5
15
25
10
20
30
Figure 37. Supply Current vs. VPOS for Various Temperatures
–40
20
10
0
–10
–20
–30
PIN (dBm)
+125°C
+85°C
+25°C
–40°C
–55°C
37
29
30
32
35
31
34
33
36
Figure 38. Supply Current vs. PIN for Various Temperatures at18 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com