Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012SCPZN-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL6012SCPZN-R2
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012SCPZN-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL6012SCPZN-R2 Datasheet HTML 1Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 2Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 3Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 4Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL6012SCPZN-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2 GHz to 67 GHz,
500 MHz Bandwidth Envelope Detector
Data Sheet
ADL6012
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Over 500 MHz wide envelope bandwidth
Fast response times
0.6 ns output rise time
1.3 ns fall time from 10 dBm to no RF input
0.5 ns output propagation delay (rising edge)
1.3 ns propagation delay at 10 dBm (falling edge)
Broadband 50 Ω input impedance
Flat frequency response with minimal slope variation
±1 dB error up to 43.5 GHz
Input range of −25 dBm to +15 dBm up to 43.5 GHz
Quasi differential 100 Ω output interface suitable to drive
100 Ω differential load
Adjustable output common-mode voltage
Flexible supply voltage: 3.15 V to 5.25 V
3 mm × 2 mm, 10-lead LFCSP
APPLICATIONS
Envelope tracking
Microwave point to point links
Microwave instrumentation
Military radios
Pulse radar receivers
Wideband power amplifier linearization
FUNCTIONAL BLOCK DIAGRAM
ENVELOPE
DETECTOR
ADL6012
1
10
9
8
7
2
3
4
5
6
ENBL
VPOS
OCOM
VOCM
RFCM
RFIN
RFCM
VENV–
VENV+
DCPL
Figure 1.
GENERAL DESCRIPTION
The ADL6012 is a versatile, broadband envelope detector that
operates from 2 GHz to 67 GHz. The combination of a wide,
500 MHz envelope bandwidth and a fast, 0.6 ns rise time makes
the device suitable for a wide range of applications, including
wideband envelope tracking, transmitter local oscillator (LO)
leakage corrections, and high resolution pulse (radar) detection.
The response of the ADL6012 is stable over a wide frequency
range and features excellent temperature stability. Enabled by
propriety technology, the device independently detects the
positive and the negative envelopes of the RF input. Even order
distortion at the RF input due to nonlinear source loading is also
reduced when compared to classic diode detector architectures.
The quasi differential output interface formed by the VENV+
and VENV− pins has a matched, 100 Ω differential output
impedance designed to drive a 100 Ω differential load and up to
2 pF of capacitance to ground on each output. The output
interface provides the detected and amplified positive and
negative envelopes, which are level shifted using an externally
applied voltage to the VOCM interface. This configuration
simplifies interfacing to a high speed analog-to-digital
converter (ADC).
The ADL6012 is specified for operation from −55°C to +125°C,
and is available in a 10-lead, 3 mm × 2 mm LFCSP.


Similar Part No. - ADL6012SCPZN-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
500 MHz BW Envelope Detector
ADL6012 AD-ADL6012 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results

Similar Description - ADL6012SCPZN-R2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
ADL5906 AD-ADL5906 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
REV. A
logo
Keysight Technologies
E4982A KEYSIGHT-E4982A Datasheet
3Mb / 22P
1 MHz to 300 MHz/500 MHz/1 GHz/3 GHz
logo
Analog Devices
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
DC to 6 GHz Envelope and TruPwr RMS Detector
Rev. B
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Rev. 0
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Jun-2017
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
500 MHz BW Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com